Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7240TR Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7240TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7240TR
Download  IRF7240TR Download
File Size   318.67 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

IRF7240TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7240TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7240TR
Download  IRF7240TR Click to download

File Size   318.67 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

IRF7240TR Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7240TR Product details

Features
VDS (V) = -40V
ID = -10.5 A
RDS(ON) <16mΩ (VGS = -10V)
RDS(ON) <27mΩ (VGS = -4.5V)
Ultra Low On-Resistance
Surface Mount
Lead-Free




Similar Part No. - IRF7240TR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7240TR UMW-IRF7240TR Datasheet
348Kb / 9P
P-Channel MOSFET
logo
International Rectifier
IRF7240TRPBF IRF-IRF7240TRPBF Datasheet
126Kb / 9P
Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF7240TRPBF VBSEMI-IRF7240TRPBF Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRF7240TRPBF TECHPUBLIC-IRF7240TRPBF Datasheet
3Mb / 5P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - IRF7240TR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com