Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5511279A Datasheet (PDF) - California Eastern Labs

NE5511279A Datasheet PDF - California Eastern Labs
Part # NE5511279A
Download  NE5511279A Download
File Size   296.22 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 7.5 V UHF BAND RF POWER SILICON LD-MOS FET

NE5511279A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5511279A Datasheet PDF - California Eastern Labs

Part # NE5511279A
Download  NE5511279A Click to download

File Size   296.22 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 7.5 V UHF BAND RF POWER SILICON LD-MOS FET

NE5511279A Datasheet (HTML) - California Eastern Labs




Similar Part No. - NE5511279A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5511279A NEC-NE5511279A Datasheet
99Kb / 3P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
California Eastern Labs
NE5511279A CEL-NE5511279A Datasheet
297Kb / 4P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5511279A RENESAS-NE5511279A Datasheet
272Kb / 10P
SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
More results


Similar Description - NE5511279A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
Silicon N Channel MOS FET UHF Power Amplifier
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Sanyo Semicon Device
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
Hitachi Semiconductor
PF0341A HITACHI-PF0341A Datasheet
47Kb / 12P
MOS FET Power Amplifier Module for UHF Band
logo
NEC
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com