Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL20-1AI-U-10/0...+10VDC Datasheet (PDF) - Turck, Inc.

BL20-1AI-U-10/0...+10VDC Datasheet PDF - Turck, Inc.
Part # BL20-1AI-U-10/0...+10VDC
Download  BL20-1AI-U-10/0...+10VDC Download
File Size   291.8 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module 1 Analog Input for Voltage

BL20-1AI-U-10/0...+10VDC Datasheet (PDF)

Go To PDF Page Download Datasheet
BL20-1AI-U-10/0...+10VDC Datasheet PDF - Turck, Inc.

Part # BL20-1AI-U-10/0...+10VDC
Download  BL20-1AI-U-10/0...+10VDC Click to download

File Size   291.8 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module 1 Analog Input for Voltage

BL20-1AI-U-10/0...+10VDC Datasheet (HTML) - Turck, Inc.


BL20-1AI-U-10/0...+10VDC Product details

■ Fieldbus and connection technology independent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 1 analog input -10/0…+10 VDC

Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely independent of the type of higher level field bus
through the use of gateways.




Similar Part No. - BL20-1AI-U-10/0...+10VDC

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-1AI-I-0/4...20MA TURCK-BL20-1AI-I-0/4...20MA Datasheet
291Kb / 2P
BL20 electronic module 1 Analog Input for Current
2023-07-21
More results


Similar Description - BL20-1AI-U-10/0...+10VDC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61530FP RENESAS-M61530FP Datasheet
346Kb / 19P
4ch Electronic Volume with 5.1ch Analog Input
logo
Systemsensor advanced i...
M500M-4-20 SYSTEMSENSOR-M500M-4-20 Datasheet
244Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
National Instruments Co...
CFP-AI-118 NI-CFP-AI-118 Datasheet
149Kb / 4P
Analog Input Module for Compact FieldPoint
logo
PHOENIX CONTACT
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
logo
Contec Co., Ltd
CPS-AI-1608LI CONTEC-CPS-AI-1608LI Datasheet
541Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
logo
Contec Co., Ltd
ADI12-8GY CONTEC-ADI12-8GY Datasheet
280Kb / 3P
Isolated Analog Input Module
logo
WAGO Kontakttechnik Gmb...
787-2861-050-000 WAGO-787-2861-050-000 Datasheet
292Kb / 9P
Electronic circuit breaker; 1-channel; 24 VDC input voltage
787-2861-100-000 WAGO-787-2861-100-000 Datasheet
428Kb / 9P
Electronic circuit breaker; 1-channel; 24 VDC input voltage; 1 A;
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com