Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3413A Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3413A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3413A
Download  AO3413A Download
File Size   597.19 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 20V P-Channel MOSFET

AO3413A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3413A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3413A
Download  AO3413A Click to download

File Size   597.19 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 20V P-Channel MOSFET

AO3413A Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3413A Product details

Features
VDS= -20V
ID= -3A (VGS = -4.5V)
RDS(ON) <66mΩ(VGS =- 4.5V)
RDS(ON)< 80mΩ(VGS = -2.5V)




Similar Part No. - AO3413A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
AO3413A UMW-AO3413A Datasheet
504Kb / 6P
20V P-Channel MOSFET
More results


Similar Description - AO3413A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com