Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3480A Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3480A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3480A
Download  AO3480A Download
File Size   388.8 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel MOSFET

AO3480A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3480A Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3480A
Download  AO3480A Click to download

File Size   388.8 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel MOSFET

AO3480A Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3480A Product details

General Description
The AO3480 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is suitable for use as a
load switch or in PWM applications.

Product Summary
VDS 30V
ID (at VGS=10V) 5.7A
RDS(ON) (at VGS=10V) < 26.5mΩ
RDS(ON) (at VGS = 4.5V) < 32mΩ
RDS(ON) (at VGS = 2.5V) < 50mΩ




Similar Part No. - AO3480A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
AO3480A UMW-AO3480A Datasheet
526Kb / 6P
N-Channel MOSFET
More results


Similar Description - AO3480A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com