Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDP-NI/FW2.3 Datasheet (PDF) - Turck, Inc.

GDP-NI/FW2.3 Datasheet PDF - Turck, Inc.
Part # GDP-NI/FW2.3
Download  GDP-NI/FW2.3 Download
File Size   371.93 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description excom I/O System PROFIBUS-DP Interface

GDP-NI/FW2.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDP-NI/FW2.3 Datasheet PDF - Turck, Inc.

Part # GDP-NI/FW2.3
Download  GDP-NI/FW2.3 Click to download

File Size   371.93 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description excom I/O System PROFIBUS-DP Interface

GDP-NI/FW2.3 Datasheet (HTML) - Turck, Inc.


GDP-NI/FW2.3 Product details

The GDP-NI gateway serves to connect the
excom® system to PROFIBUS-DP networks.
Connection to the PROFIBUS-DP is established via optical fibers or copper cables.
When using optical fibers for data transmission, an optocoupler pair must be installed between wired and optical PROFIBUS.
The gateway can be operated at a maximum
transmission rate of 1500 kbps. The bus is
connected to a standard miniature SUB-D slot
on the module rack.
A GSD file containing all configuration files
and parameter sets is available for system
configuration. When connected to suitable
host systems, you can change the system
configuration during operation.
The gateway provides the entire range of
PROFIBUS diagnostic functions including
port-related diagnostics. In addition, manufacturer-specific error codes are generated. They
include HART communication errors, power
supply errors, planning errors as well as information on simulators, internal communication,
redundancy toggle, etc.

Redundancy: The use of two gateways and
two bus cables ensures error-free communication, in case one gateway or one bus line
may fail. If one gateway fails, the other takes
over smoothly, this is called line redundancy.
System redundancy (two masters, each connected to a gateway) is also supported.
Recommended wiring components:
■ PROFIBUS-DP cable, type 451
■ D9T-RS485 connector

■ Gateway for PROFIBUS-DPV1 communication
■ Connection of the excom station to the
PROFIBUS
■ Baud rate max. 1.5 Mbps
■ PROFIBUS interface acc. to PROFIBUS
user organization (PNO)




Similar Part No. - GDP-NI/FW2.3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GDP-520-5 ROITHNER-GDP-520-5 Datasheet
426Kb / 2P
green direct emitting diode laser pointer
logo
Turck, Inc.
GDP-IS/FW2.3 TURCK-GDP-IS/FW2.3 Datasheet
380Kb / 2P
excom I/O System PROFIBUS-DP Interface
2023-07-21
More results


Similar Description - GDP-NI/FW2.3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FB-DP-RPTR PHOENIX-FB-DP-RPTR Datasheet
53Kb / 3P
PROFIBUS DP interface/repeater module
2316374 PHOENIX-2316374 Datasheet
52Kb / 2P
PROFIBUS DP interface/repeater module with oscilloscope functionality
2742751 PHOENIX-2742751 Datasheet
108Kb / 4P
I/O coupling module (gateway) for an INTERBUS system and a PROFIBUS DP system, 24 V DC, protection type IP20
2862246 PHOENIX-2862246 Datasheet
170Kb / 6P
PROFIBUS bus coupler DP/V1, complete with I/O connectors
logo
M-System Co.,Ltd.
R6N-P1 MSYSTEM-R6N-P1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
R3-NP1 MSYSTEM-R3-NP1 Datasheet
164Kb / 5P
Remote I/O R3 Series PROFIBUS-DP INTERFACE MODULE
R5-NP1 MSYSTEM-R5-NP1 Datasheet
158Kb / 5P
Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
R6-NP1 MSYSTEM-R6-NP1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
logo
Weidmuller
2614380000 WEIDMULLER-2614380000 Datasheet
473Kb / 5P
Remote I/O fieldbus coupler, IP20, PROFIBUS DP-V1
November 4, 2021
logo
Schneider Electric
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com