Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA814TF Datasheet (PDF) - NEC

UPA814TF Datasheet PDF - NEC
Part # UPA814TF
Download  UPA814TF Download
File Size   18.59 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON HIGH FREQUENCY TRANSISTOR

UPA814TF Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA814TF Datasheet PDF - NEC

Part # UPA814TF
Download  UPA814TF Click to download

File Size   18.59 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON HIGH FREQUENCY TRANSISTOR

UPA814TF Datasheet (HTML) - NEC


UPA814TF Product details

DESCRIPTION
The UPA814TF contains two NE688 NPN high frequency silicon bipolar chips. NECs new low profile TF package is ideal for all portable wireless applicatons where reducing component height is a prime consideration. Each transistor chip is independently mounted and easily configured for two stage cascade LNAs and other similar applications.

FEATURES
• SMALL PACKAGE OUTLINE:
    SOT-363 package measures just 2.0 mm x 1.25 mm
• LOW HEIGHT PROFILE:
    Just 0.60 mm high
• HIGH COLLECTOR CURRENT:
    IC MAX = 100 mA




Similar Part No. - UPA814TF

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA814T CEL-UPA814T Datasheet
157Kb / 4P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA814T RENESAS-UPA814T Datasheet
327Kb / 12P
SILICON TRANSISTOR
1995
logo
California Eastern Labs
UPA814T-T1-A CEL-UPA814T-T1-A Datasheet
157Kb / 4P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC-T1 NEC-UPA814TC-T1 Datasheet
84Kb / 20P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Similar Description - UPA814TF

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com