Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1412157 Datasheet (PDF) - PHOENIX CONTACT

1412157 Datasheet PDF - PHOENIX CONTACT
Part # 1412157
Download  1412157 Download
File Size   1000.56 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-2P-FS SCO RAIL/.../... - Sensor/actuator cable

1412157 Datasheet (PDF)

Go To PDF Page Download Datasheet
1412157 Datasheet PDF - PHOENIX CONTACT

Part # 1412157
Download  1412157 Click to download

File Size   1000.56 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-2P-FS SCO RAIL/.../... - Sensor/actuator cable

1412157 Datasheet (HTML) - PHOENIX CONTACT


1412157 Product details

Sensor/actuator cable, 2-position, shielded, free cable end, on Socket straight M12 SPEEDCON,
coding: A, cable length: Free input (0.2 ... 40.0 m), For railway applications

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1412157

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412159 PHOENIX-1412159 Datasheet
995Kb / 38P
SAC-2P-MS SCO RAIL/.../... - Sensor/actuator cable
More results


Similar Description - 1412157

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401691 PHOENIX-1401691 Datasheet
129Kb / 9P
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SCO
1407787 PHOENIX-1407787 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 1,5-PUR/FS SH SCO
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1407794 PHOENIX-1407794 Datasheet
141Kb / 9P
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SH SCO
1417957 PHOENIX-1417957 Datasheet
97Kb / 5P
Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SCO BK
1400570 PHOENIX-1400570 Datasheet
77Kb / 4P
Sensor/actuator cable - SAC-5P- 2,0-PUR/FS SCO BK
12/03/2018
1407337 PHOENIX-1407337 Datasheet
219Kb / 16P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R/FS SCO RAIL
09/11/2020
1555347 PHOENIX-1555347 Datasheet
172Kb / 10P
Sensor/actuator cable - SAC-17P- 1,5-PVC/FS SCO
09/11/2020
1555664 PHOENIX-1555664 Datasheet
112Kb / 8P
Sensor/actuator cable - SAC-4P-10,0-186/FS SCO
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com