Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2771T-E3 Datasheet (PDF) - NEC

UPC2771T-E3 Datasheet PDF - NEC
Part # UPC2771T-E3
Download  UPC2771T-E3 Download
File Size   84.97 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER

UPC2771T-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2771T-E3 Datasheet PDF - NEC

Part # UPC2771T-E3
Download  UPC2771T-E3 Click to download

File Size   84.97 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER

UPC2771T-E3 Datasheet (HTML) - NEC


UPC2771T-E3 Product details

DESCRIPTION
The UPC2771T is a Silicon Monolithic integrated circuit which is manufactured using the NESAT III process. The NESAT III process produces transistors with fT approaching 20 GHz. This amplifier was designed as a driver amplifier for digital cellular applications. Operating on a 3 volt supply, this IC is ideally suited for hand-held, portable designs.
NECs stringent quality assurance and test procedures ensure the highest reliability and performance.

FEATURES
• HIGH GAIN: 20 dB at 900 to 1500 MHz Typical
• HIGH OUTPUT POWER:
   PSAT = +12.5 dBm at 900 MHz
               +11 dBm at 1500 MHz
• LOW BIAS VOLTAGE: 3.0 V Typical, 2.7 V Minimum
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC2771T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771T NEC-UPC2771T Datasheet
404Kb / 16P
3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2771T RENESAS-UPC2771T Datasheet
395Kb / 30P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771T RENESAS-UPC2771T Datasheet
332Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2771T RENESAS-UPC2771T Datasheet
327Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
logo
NEC
UPC2771TB NEC-UPC2771TB Datasheet
171Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Similar Description - UPC2771T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
3 V, 900 MHz Si MMIC AMPLIFIER
logo
Tyco Electronics
MAAPSS0066 MACOM-MAAPSS0066 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
logo
California Eastern Labs
UPC2771TB CEL-UPC2771TB Datasheet
188Kb / 7P
3V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAPSS0066 MA-COM-MAAPSS0066 Datasheet
113Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
logo
Advanced Semiconductor ...
AWB578 ASB-AWB578 Datasheet
402Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
December 2014
AWB578 ASB-AWB578_17 Datasheet
733Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com