Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564-Q1 Datasheet (PDF) - Texas Instruments

TUSB564-Q1 Datasheet PDF - Texas Instruments
Part # TUSB564-Q1
Download  TUSB564-Q1 Download
File Size   3515.82 Kbytes
Page   54 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch

TUSB564-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB564-Q1 Datasheet PDF - Texas Instruments

Part # TUSB564-Q1
Download  TUSB564-Q1 Click to download

File Size   3515.82 Kbytes
Page   54 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch

TUSB564-Q1 Datasheet (HTML) - Texas Instruments


TUSB564-Q1 Product details

1 Features
• USB Type-C® crosspoint switch supporting
– USB 3.2 5Gbps + 2 DP 1.4 lanes
– 4 DP 1.4 lanes
• USB 3.2 up to 5Gbps
• DisplayPort™ 1.4 up to 8.1Gbps (HBR3)
• VESA DisplayPort™ alt mode UFP_D redriving
crosspoint switch supporting C, D, and E pin
assignments
• Ultra-low-power architecture
• Linear redriver with up to 11.6dB equalization
• Transparent to DisplayPort™ link training
• Configuration through GPIO or I2C
• Hot-plug capable
• Automotive Grade 2 temperature range: –40°C to
105°C
• 5mm × 7mm, 0.5mm pitch VQFN package

2 Applications
• Automotive infotainment and cluster
• Rear seat entertainment
• Automotive head unit

3 Description
The TUSB564-Q1 is a VESA DisplayPort™ Alt Mode
over USB-C® redriving switch supporting USB 3.2
data rates up to 5Gbps and DisplayPort 1.4 up to
8.1Gbps for upstream facing port (Sink). The device
is used for UFP_D pin assignments C, D, and E from
the VESA DisplayPort™ Alt Mode over USB Type-C®
Standard.
The TUSB564-Q1 provides several levels of receive
linear equalization to compensate for inter symbol
interference (ISI) due to cable and board trace loss.
The TUSB564-Q1 operates on a single 3.3V supply
and comes in an automotive grade 2 temperature
range.




Similar Part No. - TUSB564-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB564-Q1 TI-TUSB564-Q1 Datasheet
2Mb / 52P
TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
SEPTEMBER 2024
TUSB564-Q1 TI-TUSB564-Q1_V01 Datasheet
2Mb / 52P
TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
SEPTEMBER 2024
More results


Similar Description - TUSB564-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com