Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6603386 Datasheet (PDF) - Turck, Inc.

6603386 Datasheet PDF - Turck, Inc.
Part # 6603386
Download  6603386 Download
File Size   122.87 Kbytes
Page   1 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description IP-Link Optical Fiber PUR Cable Jacket

6603386 Datasheet (PDF)

Go To PDF Page Download Datasheet
6603386 Datasheet PDF - Turck, Inc.

Part # 6603386
Download  6603386 Click to download

File Size   122.87 Kbytes
Page   1 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description IP-Link Optical Fiber PUR Cable Jacket

6603386 Datasheet (HTML) - Turck, Inc.


6603386 Product details

■ POF optical fiber for IP-Link
■ Fiber core PMMA 980 µm
■ Fiber insulation PE 2.2 mm
■ PUR jacket, 5.5 mm
■ Muting (650 nm) < 190 dB/km
■ Muting (660 nm) < 290 dB/km
■ Numeric aperture 0.5
■ Qualified for drag chain use
■ Flame-retardant
■ Halogen-free acc. to IEC60754
■ Excellent resistance to oil, grease, acids
and alkaline solutions
■ Cable length: 5.0 m

Functional principle
The photoelectric sensor for IP-Link is a premoulded polymer optical fiber (POF) for the
modular fieldbus I/O system piconet.
The possibilities for industrial application
range from static installations in cable ducts,
pipes and racks up to dynamic installations
such as dragchains.
The preassembled IP-Link fiber-optic cable together with the IP-Link socket of the piconet
coupling and extension modules are a qualified IP67, shock and vibration tested combination.




Similar Part No. - 6603386

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
6603382 TURCK-6603382 Datasheet
122Kb / 1P
IP-Link Optical Fiber PUR Cable Jacket
2023-07-21
6603383 TURCK-6603383 Datasheet
122Kb / 1P
IP-Link Optical Fiber PUR Cable Jacket
2023-07-21
6603384 TURCK-6603384 Datasheet
122Kb / 1P
IP-Link Optical Fiber PUR Cable Jacket
2023-07-21
6603385 TURCK-6603385 Datasheet
122Kb / 1P
IP-Link Optical Fiber PUR Cable Jacket
2023-07-21
More results


Similar Description - 6603386

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYYZ AVAGO-HFBR-RXXYYYZ Datasheet
160Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
AFBR-TUS500Z AVAGO-AFBR-TUS500Z Datasheet
263Kb / 3P
Transparent Jacket Plastic Optical Fiber
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com