Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3415 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3415 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3415
Download  AO3415 Download
File Size   2016.61 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

AO3415 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3415 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3415
Download  AO3415 Click to download

File Size   2016.61 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

AO3415 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3415 Product details

Features
VDS (V) =-20V
ID =-5 A (VGS =-4.5V)
RDS(ON) < 43mΩ (VGS =-4.5V)
RDS(ON) < 55mΩ (VGS =-2.5V)
RDS(ON) < 75mΩ (VGS =-1.8V)
RDS(ON) < 100mΩ (VGS =-1.5V)




Similar Part No. - AO3415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO3415 ETC-AO3415 Datasheet
116Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3415 AOSMD-AO3415 Datasheet
288Kb / 5P
20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO3415 VBSEMI-AO3415 Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO3415 TECHPUBLIC-AO3415 Datasheet
1Mb / 3P
P-Channel Mosfet
logo
Alpha & Omega Semicondu...
AO3415A AOSMD-AO3415A Datasheet
325Kb / 5P
20V P-Channel MOSFET
More results


Similar Description - AO3415

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com