Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6685 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FDD6685 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FDD6685
Download  FDD6685 Download
File Size   389.79 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description - 30V P-Channel

FDD6685 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6685 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDD6685
Download  FDD6685 Click to download

File Size   389.79 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description - 30V P-Channel

FDD6685 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FDD6685 Product details

General Description
This P-Channel MOSFET has been optimized for
power management applications requiring a wide
range of gave drive voltage ratings (4.5V – 25V).

Features
Fast switching speed
High performance trench technology for extremely low RDS(ON)
High power and current handling capability
VDS (V) = -30V
RDS(ON)< 26 mΩ (V GS = -4.5V)
RDS(ON)< 34 mΩ (V GS = -2.5V)




Similar Part No. - FDD6685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
30V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD6685 VBSEMI-FDD6685 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FDD6685 BYCHIP-FDD6685 Datasheet
905Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685_11 Datasheet
187Kb / 6P
30V P-Channel PowerTrench횘 MOSFET
More results


Similar Description - FDD6685

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com