Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOTMP35 Datasheet (PDF) - Texas Instruments

ISOTMP35 Datasheet PDF - Texas Instruments
Part # ISOTMP35
Download  ISOTMP35 Download
File Size   1381.26 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor With Analog Output With < 2 Seconds Response Time and 500VRMS Working Voltage

ISOTMP35 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOTMP35 Datasheet PDF - Texas Instruments

Part # ISOTMP35
Download  ISOTMP35 Click to download

File Size   1381.26 Kbytes
Page   26 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor With Analog Output With < 2 Seconds Response Time and 500VRMS Working Voltage

ISOTMP35 Datasheet (HTML) - Texas Instruments


ISOTMP35 Product details

1 Features
• AEC-Q100 qualified with:
– Temperature grade 0: –40°C to 150°C Ambient
Operating Temperature Range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• Functional Safety-Capable
– – Documentation available to aid functional
safety system design
• Robust integrated isolation barrier:
– Withstand isolation voltage: 3000VRMS
– Isolation working voltage: 500VRMS
• Isolation barrier life: > 50 years
• Temperature sensor accuracy
– ±0.5°C typical at 25°C
– ±1.5°C maximum from 0°C to 70°C
– ±2.0°C maximum from –40°C to 150°C
• Operating supply range: 2.3V to 5.5V
• Positive slope sensor gain: 10mV/°C, with 500mV
offset at 0°C
• Fast thermal response: < 2 seconds
• Short circuit protected output
• Low power consumption: 9μA (typical)
• DFQ (SOIC-7) package
• Safety-related certifications (planned):
– 3kVRMS isolation for 1 minute per UL 1577

2 Applications
• Silicon Carbide (SiC) PowerFET temperature
monitoring
• Insulated-Gate Bipolar Transistor (IGBT)
PowerFET temperature monitoring
• HEV/EV battery-management system (BMS)
• HEV/EV on-board charger (OBC) & wireless
charger
• HEV/EV DC/DC converter
• HEV/EV inverter & motor control
• Powertrain temperature sensor

3 Description
The ISOTMP35-Q1 is the industry’s first isolated
temperature sensor IC, combining an integrated
isolation barrier, up to 3000VRMS withstand voltage,
with an analog temperature sensor featuring a
10mV/°C slope from –40°C to 150°C. This integration
enables the sensor to be co-located with high voltage
heat sources (for example: HV FETs, IGBTs, or
HV contactors) without requiring expensive isolation
circuitry. The direct contact with the high-voltage heat
source also provides greater accuracy and faster
thermal response compared with approaches where
the sensor is placed further away to meet isolation
requirements.
Operating from a non-isolated 2.3V to 5.5V supply,
the ISOTMP35-Q1 allows easy integration into
applications where sub-regulated power is not
available on the high-voltage plane.
The integrated isolation barrier satisfies UL 1577
requirements. The surface mount package (7-pin
SOIC) provides excellent heat flow from the heat
source to the embedded thermal sensor, minimizing
thermal mass and providing more accurate heatsource
measurement. This reduces the need for timeconsuming
thermal modeling and improves system
design margin by reducing mechanical variations due
to manufacturing and assembly.
The ISOTMP35-Q1 class-AB output driver provides
a strong 500μA maximum output to drive capacitive
loads up to 1000pF and is designed to directly
interface with analog-to-digital converter (ADC)
sample and hold inputs.




Similar Part No. - ISOTMP35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI1-ISOTMP35 Datasheet
1Mb / 25P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor With Analog Output With < 2 Seconds Response Time and 500VRMS Working Voltage
REVISED JUNE 2024
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results


Similar Description - ISOTMP35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
logo
Texas Instruments
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC22C12-Q1 TI-AMC22C12-Q1 Datasheet
2Mb / 44P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
logo
Renesas Technology Corp
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
logo
Texas Instruments
AMC23C11-Q1 TI-AMC23C11-Q1 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
logo
Renesas Technology Corp
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
logo
Texas Instruments
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com