Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6740 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISO6740 Datasheet PDF - Texas Instruments
Part # ISO6740
Download  ISO6740 Download
File Size   3677.63 Kbytes
Page   50 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC

ISO6740 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO6740 Datasheet PDF - Texas Instruments

Part # ISO6740
Download  ISO6740 Click to download

File Size   3677.63 Kbytes
Page   50 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC

ISO6740 Datasheet (HTML) - Texas Instruments


ISO6740 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: ISO6740-Q1, ISO6741-Q1,
ISO6742-Q1
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to 125°C
ambient operating temperature range
• Meets VDA320 isolation requirements
• 50Mbps data rate
• Robust isolation barrier:
– High lifetime at 1500VRMS working voltage
– Up to 5000VRMS isolation rating
– Up to 10kV surge capability
– ±150kV/μs typical CMTI
• Wide supply range: 1.71V to 1.89V and 2.25V to
5.5V
• 1.71V to 5.5V level translation
• Default output high (ISO674x-Q1) and low
(ISO674xF-Q1) options
• 1.6mA per channel typical at 1Mbps
• Low propagation delay: 11ns typical
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16) Package
• Safety-Related Certifications :
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1
– GB 4943.1

2 Applications
• Hybrid, electric and power train system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– DC/DC converter
– Inverter and motor control

3 Description
The ISO674x-Q1 devices are high-performance,
quad-channel digital isolators designed for costsensitive
applications requiring up to 5000VRMS
isolation ratings per UL 1577. These devices are also
certified by VDE, TUV, CSA, and CQC.
The ISO674x-Q1 devices provide high
electromagnetic immunity and low emissions at
low power consumption, while isolating CMOS or
LVCMOS digital I/Os. Each isolation channel has
a logic input and output buffer separated by TI's
double capacitive silicon dioxide (SiO2) insulation
barrier. These devices come with enable pins which
can be used to put the respective outputs in high
impedance for multi-controller driving applications.
The ISO6740-Q1 device has all four channels in the
same direction, the ISO6741-Q1 device has three
forward and one reverse-direction channels, and the
ISO6742-Q1 device has two forward and two reversedirection
channels. In the event of input power or
signal loss, the default output is high for devices
without suffix F and low for devices with suffix F. See
also Device Functional Modes section.
Used in conjunction with isolated power supplies,
the ISO674x-Q1 devices help prevent noise currents
on data buses, such as CAN and LIN from
damaging sensitive circuitry. Through remarkable chip
design and layout techniques, the electromagnetic
compatibility of the ISO674x-Q1 devices has been
significantly enhanced to ease system-level ESD,
EFT, surge, and emissions compliance. The ISO674x-
Q1 family of devices is available in a 16-pin SOIC
wide-body (DW) package and is a pin-to-pin upgrade
to the older generations.




Similar Part No. - ISO6740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 52P
ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
JUNE 2024
More results


Similar Description - ISO6740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
1Mb / 35P
ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741 TI-ISO6741_V01 Datasheet
1Mb / 35P
ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1_V01 Datasheet
1Mb / 35P
ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1_V01 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com