Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K392M15X7RH5.H5 Datasheet (PDF) - Vishay Siliconix

K392M15X7RH5.H5 Datasheet PDF - Vishay Siliconix
Part # K392M15X7RH5.H5
Download  K392M15X7RH5.H5 Download
File Size   103.98 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC

K392M15X7RH5.H5 Datasheet (PDF)

Go To PDF Page Download Datasheet
K392M15X7RH5.H5 Datasheet PDF - Vishay Siliconix

Part # K392M15X7RH5.H5
Download  K392M15X7RH5.H5 Click to download

File Size   103.98 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC

K392M15X7RH5.H5 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - K392M15X7RH5.H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K392M15X7RF5.H5 VISHAY-K392M15X7RF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K392M15X7RF5.H5 VISHAY-K392M15X7RF5.H5 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K392M15X7RF5.L2 VISHAY-K392M15X7RF5.L2 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K392M15X7RF5.L2 VISHAY-K392M15X7RF5.L2 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K392M15X7RK5.H5 VISHAY-K392M15X7RK5.H5 Datasheet
285Kb / 9P
Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
18-Jan-06
More results


Similar Description - K392M15X7RH5.H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
17-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
18-Jan-06
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Sep-06
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
Dipped Radial Multilayer Ceramic Capacitors
18-Sep-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
16-Aug-12
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
13-Apr-10
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
16-Nov-09
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
23-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com