Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1809200 Datasheet (PDF) - PHOENIX CONTACT

1809200 Datasheet PDF - PHOENIX CONTACT
Part # 1809200
Download  1809200 Download
File Size   557.85 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBC 2,5/18-STZ-5,08-R - PCB connector

1809200 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809200 Datasheet PDF - PHOENIX CONTACT

Part # 1809200
Download  1809200 Click to download

File Size   557.85 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBC 2,5/18-STZ-5,08-R - PCB connector

1809200 Datasheet (HTML) - PHOENIX CONTACT


1809200 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact connection type: Socket, number of potentials: 18, number of rows:
1, number of positions: 18, number of connections: 18, product range: MSTBC 2,5/..-STZ-RF,
pitch: 5.08 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking: Snap-in
locking, mounting: Self-locking flange, type of packaging: packed in cardboard, Corresponding
female crimp contacts with current [A] and conductor cross section range [mm2] data:
10A/MSTBC-MT 0,5-1,0 (3190564); 10A/MSTBC-MT 0,5-1,0 BA (3190645); 12A/MSTBC-MT
1,5-2,5 (3190551); 12A/MSTBC-MT 1,5-2,5 BA (3190658). BA = Bandkontakte

Your advantages
• Inexpensive connection of large quantities of preassembled conductors
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1809200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809209 PHOENIX-1809209 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/15-G-5,08-LR
More results


Similar Description - 1809200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809051 PHOENIX-1809051 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 3-STZ-5,08-R
1809064 PHOENIX-1809064 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 4-STZ-5,08-R
1809527 PHOENIX-1809527 Datasheet
164Kb / 7P
MSTBC 2,5/ 4-STZ-5,08
1809145 PHOENIX-1809145 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/12-STZ-5,08-R
1809187 PHOENIX-1809187 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/16-STZ-5,08-R
1809077 PHOENIX-1809077 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 5-STZ-5,08-R
1809080 PHOENIX-1809080 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 6-STZ-5,08-R
1809093 PHOENIX-1809093 Datasheet
145Kb / 5P
MSTBC 2,5/ 7-STZ-5,08-R
1809103 PHOENIX-1809103 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 8-STZ-5,08-R
1809640 PHOENIX-1809640 Datasheet
597Kb / 17P
MSTBC 2,5/16-STZ-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com