Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7104 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7104 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7104
Download  IRF7104 Download
File Size   682.91 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -30V Dual P-Channel MOSFET

IRF7104 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7104 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7104
Download  IRF7104 Click to download

File Size   682.91 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -30V Dual P-Channel MOSFET

IRF7104 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7104 Product details

Benefits
• VDS (V)= -30V
• ID = -2.3A
• RDS(ON) <250mΩ(VGS=-10V)
• RDS(ON) <400mΩ(VGS=-4.5V)
• Ultra Low On-resistance
• Fast Switching
• Lead-free




Similar Part No. - IRF7104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7104 IRF-IRF7104 Datasheet
158Kb / 9P
HEXFET Power MOSFET
IRF7104PBF IRF-IRF7104PBF Datasheet
215Kb / 9P
HEXFET Power MOSFET
IRF7104PBF IRF-IRF7104PBF Datasheet
221Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRF7104PBF IRF-IRF7104PBF_15 Datasheet
221Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRF7104TRPBF IRF-IRF7104TRPBF Datasheet
221Kb / 9P
Advanced Process Technology
More results


Similar Description - IRF7104

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
30V Dual P-Channel MOSFET
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com