Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1984552 Datasheet (PDF) - PHOENIX CONTACT

1984552 Datasheet PDF - PHOENIX CONTACT
Part # 1984552
Download  1984552 Download
File Size   307.28 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/11-PH-3,5-A - PCB connector

1984552 Datasheet (PDF)

Go To PDF Page Download Datasheet
1984552 Datasheet PDF - PHOENIX CONTACT

Part # 1984552
Download  1984552 Click to download

File Size   307.28 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/11-PH-3,5-A - PCB connector

1984552 Datasheet (HTML) - PHOENIX CONTACT


1984552 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 6 A, rated voltage
(III/2): 200 V, contact surface: Tin, contact connection type: Socket, number of potentials: 11,
number of rows: 1, number of positions: 11, number of connections: 11, product range: PT 1,5/..-
PH-A, pitch: 3.5 mm, connection method: Screw connection with wire protector, screw head
form: H1L Slotted Phillips recess, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON PST 1,0, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined
• Items that can be aligned in various pitches support flexible and space-saving PCB assembly




Similar Part No. - 1984552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1984507 PHOENIX-1984507 Datasheet
307Kb / 10P
PT 1,5/ 6-PH-3,5-A - PCB connector
1984510 PHOENIX-1984510 Datasheet
292Kb / 9P
PT 1,5/ 7-PH-3,5-A - PCB connector
1984523 PHOENIX-1984523 Datasheet
292Kb / 9P
PT 1,5/ 8-PH-3,5-A - PCB connector
1984536 PHOENIX-1984536 Datasheet
308Kb / 10P
PT 1,5/ 9-PH-3,5-A - PCB connector
1984549 PHOENIX-1984549 Datasheet
109Kb / 7P
PCB terminal block - PT 1,5/10-PH-3,5-A
09/12/2020
More results


Similar Description - 1984552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755677 PHOENIX-1755677 Datasheet
97Kb / 4P
PT 1,5/11-PH-5,0
1984316 PHOENIX-1984316 Datasheet
150Kb / 8P
PCB terminal block - PT 1,5/ 2-PH-3,5
1984361 PHOENIX-1984361 Datasheet
132Kb / 8P
PCB terminal block - PT 1,5/ 7-PH-3,5
1984374 PHOENIX-1984374 Datasheet
144Kb / 8P
PCB terminal block - PT 1,5/ 8-PH-3,5
1725224 PHOENIX-1725224 Datasheet
125Kb / 5P
PTDA 1,5/11-PH-3,5
1984549 PHOENIX-1984549 Datasheet
109Kb / 7P
PCB terminal block - PT 1,5/10-PH-3,5-A
09/12/2020
1984332 PHOENIX-1984332 Datasheet
316Kb / 10P
PCB connector - PT 1,5/ 4-PH-3,5
Jan 10, 2023
1984345 PHOENIX-1984345 Datasheet
337Kb / 10P
PCB connector - PT 1,5/ 5-PH-3,5
Jan 4, 2023
1984358 PHOENIX-1984358 Datasheet
337Kb / 10P
PCB connector - PT 1,5/ 6-PH-3,5
Jan 3, 2023
1984390 PHOENIX-1984390 Datasheet
422Kb / 12P
PT 1,5/10-PH-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com