Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1243426 Datasheet (PDF) - PHOENIX CONTACT

1243426 Datasheet PDF - PHOENIX CONTACT
Part # 1243426
Download  1243426 Download
File Size   622.38 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-3E-M17 M9/2,0-B00/M17 F8X - Connector in molded plastic on both sides

1243426 Datasheet (PDF)

Go To PDF Page Download Datasheet
1243426 Datasheet PDF - PHOENIX CONTACT

Part # 1243426
Download  1243426 Click to download

File Size   622.38 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-3E-M17 M9/2,0-B00/M17 F8X - Connector in molded plastic on both sides

1243426 Datasheet (HTML) - PHOENIX CONTACT


1243426 Product details

Connector in molded plastic on both sides, series: KST, M17-Socket, Straight, plastic molded,
number of positions: 3+PE, type of locking: Screw locking mechanism, on M17-Pin, Straight,
plastic molded, number of positions: 3+PE, cable length: 2 m, shielded: yes, color of outer
sheath: orange RAL 2003, Item is lead-free in accordance with RoHS II without Exemption 6c
(Pb < 0.1 %)

Your advantages
• Our standard: robust halogen-free PUR cable
• Simple and safe: 100% electrically tested and assembled ready for use
• Designs with preassembled cables on one or both sides
• High flexibility: customer-specific assemblies and cable lengths can be supplied




Similar Part No. - 1243426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1243420 PHOENIX-1243420 Datasheet
509Kb / 11P
K-3E - OE/2,0-B00/M17 F8X - Cable plug in molded plastic
1243421 PHOENIX-1243421 Datasheet
509Kb / 11P
K-3E - OE/5,0-B00/M17 F8X - Cable plug in molded plastic
1243422 PHOENIX-1243422 Datasheet
509Kb / 11P
K-3E - OE/010-B00/M17 F8X - Cable plug in molded plastic
1243427 PHOENIX-1243427 Datasheet
622Kb / 13P
K-3E-M17 M9/5,0-B00/M17 F8X - Connector in molded plastic on both sides
1243428 PHOENIX-1243428 Datasheet
622Kb / 13P
K-3E-M17 M9/010-B00/M17 F8X - Connector in molded plastic on both sides
More results


Similar Description - 1243426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622244 PHOENIX-1622244 Datasheet
165Kb / 6P
Connector in molded plastic on both sides
1622245 PHOENIX-1622245 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622246 PHOENIX-1622246 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622247 PHOENIX-1622247 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1622248 PHOENIX-1622248 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1622249 PHOENIX-1622249 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com