Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8444 Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

FDD8444 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # FDD8444
Download  FDD8444 Download
File Size   1142.05 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Advanced Mode Power MOSFET

FDD8444 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD8444 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # FDD8444
Download  FDD8444 Click to download

File Size   1142.05 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Advanced Mode Power MOSFET

FDD8444 Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


FDD8444 Product details

Features
 VDS= 40V, ID= 150A
RDS(ON) < 2 mΩ @ VGS = 10V
RDS(ON) < 3 mΩ @ VGS = 4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - FDD8444

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444 Datasheet
343Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2mOhm
FDD8444 FAIRCHILD-FDD8444 Datasheet
324Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
logo
Inchange Semiconductor ...
FDD8444 ISC-FDD8444 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD8444-F085 ONSEMI-FDD8444-F085 Datasheet
719Kb / 7P
N-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
VBsemi Electronics Co.,...
FDD8444-NL VBSEMI-FDD8444-NL Datasheet
1,003Kb / 8P
N-Channel 4 -V (D-S) MOSFET
More results


Similar Description - FDD8444

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H35Q RUICHIPS-RU1H35Q Datasheet
370Kb / 9P
N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
N-Channel Advanced Power MOSFET
RU1HE16L RUICHIPS-RU1HE16L Datasheet
285Kb / 9P
N-Channel Advanced Power MOSFET
RU2H15S RUICHIPS-RU2H15S Datasheet
280Kb / 9P
N-Channel Advanced Power MOSFET
RU2H50Q RUICHIPS-RU2H50Q Datasheet
282Kb / 9P
N-Channel Advanced Power MOSFET
RU4H10P RUICHIPS-RU4H10P Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
RU206G RUICHIPS-RU206G Datasheet
247Kb / 9P
N-Channel Advanced Power MOSFET
RU2090M RUICHIPS-RU2090M Datasheet
305Kb / 9P
N-Channel Advanced Power MOSFET
RU4090L RUICHIPS-RU4090L Datasheet
281Kb / 9P
N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com