Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD86369 Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

FDD86369 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # FDD86369
Download  FDD86369 Download
File Size   1033.5 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

FDD86369 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD86369 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # FDD86369
Download  FDD86369 Click to download

File Size   1033.5 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

FDD86369 Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


FDD86369 Product details

Features
 VDS= 80 V, ID= 95A
RDS(ON) < 6 mΩ @ VGS = 10V
RDS(ON) < 7 mΩ @ VGS =4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - FDD86369

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Inchange Semiconductor ...
FDD86369 ISC-FDD86369 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
Inchange Semiconductor ...
FDD86369B ISC-FDD86369B Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
More results


Similar Description - FDD86369

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com