Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMOD360-UW Datasheet (PDF) - Recom International Power

RMOD360-UW Datasheet PDF - Recom International Power
Part # RMOD360-UW
Download  RMOD360-UW Download
File Size   772.97 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 360W ◊ Ultra-Wide Input: 18-106VDC RMOD360-UW Series ◊ Plug & Play E-Mobility

RMOD360-UW Datasheet (PDF)

Go To PDF Page Download Datasheet
RMOD360-UW Datasheet PDF - Recom International Power

Part # RMOD360-UW
Download  RMOD360-UW Click to download

File Size   772.97 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 360W ◊ Ultra-Wide Input: 18-106VDC RMOD360-UW Series ◊ Plug & Play E-Mobility

RMOD360-UW Datasheet (HTML) - Recom International Power


RMOD360-UW Product details

FEATURES
• Ultra wide input voltage range (18-106VDC)
• Operating temperature range: -40°C to +75°C
• Input reverse polarity protection
• Protection: input UVLO, output OCL, SCP, OVP, OTP
• Parallel operation capability
• Control ON/OFF function
• 2 years warranty




Similar Part No. - RMOD360-UW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RMOD300-80-12.2SUW RECOM-RMOD300-80-12.2SUW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
RMOD300-80-13.7SUW RECOM-RMOD300-80-13.7SUW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
RMOD300-80-24.5SUW RECOM-RMOD300-80-24.5SUW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
RMOD300-UW RECOM-RMOD300-UW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
More results


Similar Description - RMOD360-UW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5607 TI-UC5607 Datasheet
245Kb / 4P
Plug and Play, 18-Line SCSI Active Terminator
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5205 MICROSEMI-LX5205 Datasheet
142Kb / 4P
18-LINE PLUG AND PLAY, 關POWER SCSI TERMINATOR
LX5225 MICROSEMI-LX5225 Datasheet
148Kb / 4P
ULTRA 18-LINE, PLUG AND PLAY SCSI TERMINATOR
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
Plug and Play Compatible Ultra I/O Controller
logo
MORNSUN Science& Techno...
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
logo
PEAK electronics GmbH
P26TG-243R3E41MLF PEAK-P26TG-243R3E41MLF Datasheet
127Kb / 3P
4:1 Ultra Wide Input
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
Ultra-Wide Input Range
logo
Mean Well Enterprises C...
NPB-360 MEANWELL-NPB-360 Datasheet
936Kb / 6P
360W Compact Size and Wide Output Range Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com