Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH9310 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRFH9310 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRFH9310
Download  IRFH9310 Download
File Size   771.83 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel Enhancement Mode MOSFET

IRFH9310 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFH9310 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFH9310
Download  IRFH9310 Click to download

File Size   771.83 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel Enhancement Mode MOSFET

IRFH9310 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRFH9310 Product details

Description
The IRFH9310 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.

General Features
VDS = -30V ID =-90A
RDS(ON) < 4.5 mΩ VGS=-10V

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - IRFH9310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
Charge and Discharge Switch for Notebook PC Battery Application
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRFH9310PBF IRF-IRFH9310PBF_15 Datasheet
296Kb / 9P
RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRFH9310TRPBF IRF-IRFH9310TRPBF Datasheet
296Kb / 9P
Charge and Discharge Switch for Notebook PC Battery Application
More results


Similar Description - IRFH9310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com