Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1407256 Datasheet (PDF) - PHOENIX CONTACT

1407256 Datasheet PDF - PHOENIX CONTACT
Part # 1407256
Download  1407256 Download
File Size   412.25 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/ 5,0-28X OD - Sensor/actuator cable

1407256 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407256 Datasheet PDF - PHOENIX CONTACT

Part # 1407256
Download  1407256 Click to download

File Size   412.25 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/ 5,0-28X OD - Sensor/actuator cable

1407256 Datasheet (HTML) - PHOENIX CONTACT


1407256 Product details

Sensor/actuator cable, 5-position, PE-X halogen-free, black-gray RAL 7021, Plug straight M12,
coding: A, on free cable end, cable length: 5 m, for outdoor applications, with high-grade steel
knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C




Similar Part No. - 1407256

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1407252 SILABS-1407252 Datasheet
75Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
PHOENIX CONTACT
1407255 PHOENIX-1407255 Datasheet
411Kb / 11P
SAC-5P-M12MS/ 2,0-28X OD - Sensor/actuator cable
1407257 PHOENIX-1407257 Datasheet
411Kb / 11P
SAC-5P-M12MS/10,0-28X OD - Sensor/actuator cable
1407258 PHOENIX-1407258 Datasheet
1Mb / 11P
SAC-5P- 2,0-28X/M12FS OD - Sensor/actuator cable
1407259 PHOENIX-1407259 Datasheet
1Mb / 11P
SAC-5P- 5,0-28X/M12FS OD - Sensor/actuator cable
More results


Similar Description - 1407256

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405961 PHOENIX-1405961 Datasheet
120Kb / 6P
Sensor/Actuator cable - SAC-8P-M12MS/30-28X/M12FSSHOD
1407293 PHOENIX-1407293 Datasheet
103Kb / 4P
Sensor/actuator cable - SAC-5P- 5,0-PUO/AD-2L OD
1439489 PHOENIX-1439489 Datasheet
51Kb / 2P
Sensor/Actuator cable - SAC-5P-M12MS/5,0-PUR/AD-2L
1681198 PHOENIX-1681198 Datasheet
60Kb / 3P
Sensor/Actuator cable - SAC-5P-M12MS/5,0-PUR/AD-2L
1095806 PHOENIX-1095806 Datasheet
1Mb / 8P
Sensor/actuator cable - SAC-5P-M12MS/5,0-680/M12FS FDP
01/13/2022
1415589 PHOENIX-1415589 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PVC
09/11/2020
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1442418 PHOENIX-1442418 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-5P-M12MS/ 5,0-PUR P
09/11/2020
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1410472 PHOENIX-1410472 Datasheet
434Kb / 12P
SAC-5P-M12MS/ 5,0-92X SH OD - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com