Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3600 Datasheet (PDF) - NXP Semiconductors

SA3600 Datasheet PDF - NXP Semiconductors
Part # SA3600
Download  SA3600 Download
File Size   172.24 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage dual-band RF front-end

SA3600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA3600 Datasheet PDF - NXP Semiconductors

Part # SA3600
Download  SA3600 Click to download

File Size   172.24 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage dual-band RF front-end

SA3600 Datasheet (HTML) - NXP Semiconductors


SA3600 Product details

DESCRIPTION
The SA3600 is an integrated dual-band RF front-end that operates at both cellular (AMPS and TDMA) and PCS (TDMA) frequencies, and is designed in a 20 GHz fT BiCMOS process—QUBiC2.

FEATURES
• Low current consumption: LB ICC = 14.5 mA; HB ICC = 20.5 mA
• Outstanding low- and high-band noise figure
• LNAs with gain control (30 dB gain step)
• LO input and output buffers
• Selectable frequency doubler
• On chip logic for network selection and power down
• Very small outline package

APPLICATIONS
• 800 to 1000 MHz analog and digital receivers
• 1800 to 2000 MHz digital receivers
• Portable radios
• Mobile communications equipment




Similar Part No. - SA3600

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
SA3600 SYNOLOGY-SA3600 Datasheet
771Kb / 9P
SA3600 & SA3400 Series
More results


Similar Description - SA3600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
Dual-band RF front-end
1999 Mar 02
SA1921 PHILIPS-SA1921 Datasheet
507Kb / 36P
Satellite and cellular dual-band RF front-end
1999 Mar 02
SA3601 PHILIPS-SA3601 Datasheet
90Kb / 14P
Low voltage dual-band RF front-end
1999 Nov 09
SA3603 PHILIPS-SA3603 Datasheet
49Kb / 8P
Cellular-band low voltage front-end
1999 Dec 17
SA3604 PHILIPS-SA3604 Datasheet
49Kb / 8P
PCS-band low voltage front-end
1999 Dec 14
logo
RF Micro Devices
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
3.7V, DUAL-BAND FRONT-END MODULE
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com