Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1403991 Datasheet (PDF) - PHOENIX CONTACT

1403991 Datasheet PDF - PHOENIX CONTACT
Part # 1403991
Download  1403991 Download
File Size   525.58 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/0,6-600/FS SH HD - Sensor/actuator cable

1403991 Datasheet (PDF)

Go To PDF Page Download Datasheet
1403991 Datasheet PDF - PHOENIX CONTACT

Part # 1403991
Download  1403991 Click to download

File Size   525.58 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/0,6-600/FS SH HD - Sensor/actuator cable

1403991 Datasheet (HTML) - PHOENIX CONTACT


1403991 Product details

Sensor/actuator cable, 4-position, PP-EPDM halogen-free, gray RAL 7035, shielded, Plug
straight M12, coding: A, on Socket straight M12, coding: A, cable length: 0.6 m, Hygienic design,
with high-grade steel knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Stainless steel type 1.4404 used to provide corrosion protection for all exposed metal parts
• Contamination can be detected quickly – thanks to the light color
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1403991

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403990 PHOENIX-1403990 Datasheet
525Kb / 12P
SAC-4P-M12MS/0,3-600/FS SH HD - Sensor/actuator cable
1403992 PHOENIX-1403992 Datasheet
525Kb / 12P
SAC-4P-M12MS/1,5-600/FS SH HD - Sensor/actuator cable
1403993 PHOENIX-1403993 Datasheet
139Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/3,0-600/FS SH HD
09/12/2020
More results


Similar Description - 1403991

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403947 PHOENIX-1403947 Datasheet
120Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/1,5-600 HD
09/11/2020
1403962 PHOENIX-1403962 Datasheet
124Kb / 10P
Sensor/actuator cable - SAC-4P-5,0-600/M12FR HD
09/11/2020
1403970 PHOENIX-1403970 Datasheet
134Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/1,5-600/M12FS HD
09/11/2020
1403993 PHOENIX-1403993 Datasheet
139Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/3,0-600/FS SH HD
09/12/2020
1404039 PHOENIX-1404039 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/1,5-600 HD
09/11/2020
1412468 PHOENIX-1412468 Datasheet
106Kb / 3P
Sensor/actuator cable - SAC-5P-MS/0,6-PUR/FS SH VA
12/04/2018
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1519286 PHOENIX-1519286 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR SH
12/06/2018
1567173 PHOENIX-1567173 Datasheet
149Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/0,6-800/M12FR-3L
09/11/2020
1476878 PHOENIX-1476878 Datasheet
343Kb / 8P
SAC-4P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com