Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520 Datasheet (PDF) - Kemet Corporation

T520 Datasheet PDF - Kemet Corporation
Part # T520
Download  T520 Download
File Size   741.05 Kbytes
Page   7 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description CONDUCTIVE POLYMER CHIP CAPACITORS

T520 Datasheet (PDF)

Go To PDF Page Download Datasheet
T520 Datasheet PDF - Kemet Corporation

Part # T520
Download  T520 Click to download

File Size   741.05 Kbytes
Page   7 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description CONDUCTIVE POLYMER CHIP CAPACITORS

T520 Datasheet (HTML) - Kemet Corporation


T520 Product details

FEATURES

• Polymer Cathode Technology

• Use Up to 80% of Rated Voltage (20% Derating)

• Low ESR for part types > 10 Volts

• High Frequency Cap Retention

• Capacitance 15 to 1000μF (±20%)

• No-Ignition Failure Mode

• Voltage 2V to 25V

• Use Up to 90% of Rated Voltage (10% Derating)

• EIA Standard Case Sizes for part types ≤ 10 Volts

• 100% Surge Current Tested

• Halogen Free Epoxy

• Operating Temperature -55ºC to +105ºC

• 100% Accelerated Steady State Aging

• Self Healing Mechanism

• Volumetrically Efficient

• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)



 




Similar Part No. - T520

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
807Kb / 8P
CONDUCTIVE POLYMER CHIP CAPACITORS
logo
List of Unclassifed Man...
T520-BT ETC1-T520-BT Datasheet
431Kb / 2P
High Performance, Dual Port 10 GbE Unified Wire Adapter
T520-CR ETC1-T520-CR Datasheet
198Kb / 2P
High,Performance,,Dual,Port, 10,GbE,Unified,Wire,Adapter,
logo
Kemet Corporation
T520A106M010ATE080 KEMET-T520A106M010ATE080 Datasheet
76Kb / 1P
Tantalum, Polymer Tantalum, T520, 10 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 1.8mm
T520A107M004AE200 KEMET-T520A107M004AE200 Datasheet
807Kb / 8P
CONDUCTIVE POLYMER CHIP CAPACITORS
More results


Similar Description - T520

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525 KEMET-T525 Datasheet
565Kb / 5P
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
CONDUCTIVE POLYMER CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
Conductive polymer chip capacitors(Standard)
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
Conductive Polymer Aluminum Solid Capacitors (V Chip)
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
Automotive Conductive Polymer Chip Capacitors
TCQ AVX-TCQ Datasheet
494Kb / 4P
Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
Conductive Polymer Solid Electrolytic Chip Capacitors
TCM AVX-TCM Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com