Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5225D Datasheet (PDF) - NXP Semiconductors

SA5225D Datasheet PDF - NXP Semiconductors
Part # SA5225D
Download  SA5225D Download
File Size   81.68 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Fiber optic postamplifier

SA5225D Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5225D Datasheet PDF - NXP Semiconductors

Part # SA5225D
Download  SA5225D Click to download

File Size   81.68 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Fiber optic postamplifier

SA5225D Datasheet (HTML) - NXP Semiconductors


SA5225D Product details

DESCRIPTION
The SA5225 is a high-gain limiting amplifier that is designed to process signals from fiber optic preamplifiers. Capable of operating at 125Mb/s, the chip has input signal level-detection with a user-adjustable threshold. The DATA and LEVEL-DETECT outputs are differential for optimum noise margin and ease of use. Also available is the SA5224 which is optimized for FDDI applications.

FEATURES
• Wideband operation: 1.0kHz to 120MHz typical
• Applicable in 155Mb/s OC3/SONET receivers
• Operation with single +5V or –5.2V supply
• Differential 10k ECL outputs
• Programmable input signal level-detection
• Fully differential for excellent PSRR to 1GHz

APPLICATIONS
• Data communication in noisy industrial environments
• LANs




Similar Part No. - SA5225D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5222D PHILIPS-SA5222D Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5223D PHILIPS-SA5223D Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
FDDI fiber optic postamplifier
1998 Oct 07
More results


Similar Description - SA5225D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
FDDI fiber optic postamplifier
1998 Oct 07
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
Fiber-Optic Accessories
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com