Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM115N65T2 Datasheet (PDF) - Rectron Semiconductor

RM115N65T2 Datasheet PDF - Rectron Semiconductor
Part # RM115N65T2
Download  RM115N65T2 Download
File Size   310.54 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM115N65T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM115N65T2 Datasheet PDF - Rectron Semiconductor

Part # RM115N65T2
Download  RM115N65T2 Click to download

File Size   310.54 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM115N65T2 Datasheet (HTML) - Rectron Semiconductor


RM115N65T2 Product details

Description
The RM115N65T2 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.

General Feature
VDS =65V,ID =115A
RDS(ON) < 4.7mΩ @ VGS=10V
Special process technology for high ESD capability
High density cell design for ultra low Rdson
Fully characterized Avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
RDS(ON) < 8.0mΩ @ VGS=4.5V

Application
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
Halogen-free




Similar Part No. - RM115N65T2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RM11 EIC-RM11 Datasheet
39Kb / 2P
SILICON RECTIFIER DIODES
logo
Rectron Semiconductor
RM110N100BT2 RECTRON-RM110N100BT2 Datasheet
1Mb / 5P
N-Channel Trench MOSFET
2023-05/119 REV:B
RM110N150HD RECTRON-RM110N150HD Datasheet
316Kb / 7P
N-Channel Super Trench Power MOSFET
RM110N150T2 RECTRON-RM110N150T2 Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
2023-06/69 REV: A
RM110N82T2 RECTRON-RM110N82T2 Datasheet
286Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2019-06/15 REV:O
More results


Similar Description - RM115N65T2

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com