Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2358DQ Datasheet (PDF) - Monolithic Power Systems

MP2358DQ Datasheet PDF - Monolithic Power Systems
Part # MP2358DQ
Download  MP2358DQ Download
File Size   212.94 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 23V, 370KHz Step-Down Converter Evaluation Board

MP2358DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2358DQ Datasheet PDF - Monolithic Power Systems

Part # MP2358DQ
Download  MP2358DQ Click to download

File Size   212.94 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 23V, 370KHz Step-Down Converter Evaluation Board

MP2358DQ Datasheet (HTML) - Monolithic Power Systems


MP2358DQ Product details

DESCRIPTION
The EV2358DQ-00A is the evaluation board for the MP2358, a monolithic step-down switch mode converter with a built in internal power MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation.

FEATURES
• 2A Output Current
• Stable with Low ESR Output Ceramic Capacitors
• Up to 95% Efficiency
• Wide 4.75V to 23V Operating Input Range

APPLICATIONS
• Distributed Power Systems
• Battery Charger
• DSL Modems
• Pre-Regulator for Linear Regulators




Similar Part No. - MP2358DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2358DQ MPS-MP2358DQ Datasheet
285Kb / 9P
2A, 23V, 370KHz Step-Down Converter
More results


Similar Description - MP2358DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2358DS-00A MPS-EV2358DS-00A Datasheet
203Kb / 4P
2A, 23V, 370KHz Step-Down Converter Evaluation Board
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2358 MPS-MP2358 Datasheet
285Kb / 9P
2A, 23V, 370KHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com