Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFL3200-39 Datasheet (PDF) - Solid States Devices, Inc

SFL3200-39 Datasheet PDF - Solid States Devices, Inc
Part # SFL3200-39
Download  SFL3200-39 Download
File Size   92.95 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description Logic Level 12A 150V .17廓 N-Channel Power MOSFET

SFL3200-39 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFL3200-39 Datasheet PDF - Solid States Devices, Inc

Part # SFL3200-39
Download  SFL3200-39 Click to download

File Size   92.95 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description Logic Level 12A 150V .17廓 N-Channel Power MOSFET

SFL3200-39 Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - SFL3200-39

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SFL320 SIFIRST-SFL320 Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
SFL320DP SIFIRST-SFL320DP Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
SFL320SG SIFIRST-SFL320SG Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
SFL320SGT SIFIRST-SFL320SGT Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
More results


Similar Description - SFL3200-39

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Intersil Corporation
RFP12N10L INTERSIL-RFP12N10L Datasheet
38Kb / 5P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
NXP Semiconductors
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
PSMN017-30EL PHILIPS-PSMN017-30EL_15 Datasheet
194Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
Rev. 2-3 April 2012
PSMN017-30PL PHILIPS-PSMN017-30PL_15 Datasheet
199Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in TO220
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
BUK9K17-60E NEXPERIA-BUK9K17-60E Datasheet
750Kb / 13P
Dual N-channel 60 V, 17 m廓 logic level MOSFET
PSMN017-30PL NEXPERIA-PSMN017-30PL Datasheet
795Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in TO220
PSMN017-30LL NEXPERIA-PSMN017-30LL Datasheet
483Kb / 16P
N-channel DFN3333-8 30 V 17 m廓 logic level MOSFET
PSMN017-30EL NEXPERIA-PSMN017-30EL Datasheet
794Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
BUK9M17-30E NEXPERIA-BUK9M17-30E Datasheet
724Kb / 13P
N-channel 30 V, 17 m廓 logic level MOSFET in LFPAK33
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com