Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR2705 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLR2705 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLR2705
Download  IRLR2705 Download
File Size   1092.05 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement Mode MOSFET

IRLR2705 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR2705 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR2705
Download  IRLR2705 Click to download

File Size   1092.05 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement Mode MOSFET

IRLR2705 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLR2705 Product details

General Features
VDS = 60V ID =20 A
RDS(ON) < 32mΩ @ VGS=10V




Similar Part No. - IRLR2705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR2705 IRF-IRLR2705 Datasheet
193Kb / 10P
HEXFET POWER MOSFET
IRLR2705 IRF-IRLR2705 Datasheet
202Kb / 10P
HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRLR2705 KERSEMI-IRLR2705 Datasheet
965Kb / 10P
Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRLR2705 ISC-IRLR2705 Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLR2705PBF IRF-IRLR2705PBF Datasheet
257Kb / 10P
HEXFET Power MOSFET
More results


Similar Description - IRLR2705

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com