Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAN-007 Datasheet (PDF) - Exar Corporation

TAN-007 Datasheet PDF - Exar Corporation
Part # TAN-007
Download  TAN-007 Download
File Size   65.31 Kbytes
Page   4 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description XR-T5683 Operation at 10.1 Mbps

TAN-007 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAN-007 Datasheet PDF - Exar Corporation

Part # TAN-007
Download  TAN-007 Click to download

File Size   65.31 Kbytes
Page   4 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description XR-T5683 Operation at 10.1 Mbps

TAN-007 Datasheet (HTML) - Exar Corporation


TAN-007 Product details

INTRODUCTION
The purpose of this application note is to present an example circuit, illustrating how to operate the XR-T5683 device at 10.1 Mbps. This note shows the results of measurements made on the XR-T5683 at a 10.1 Mbps data rate. Hardware used for this evaluation was a slightly modified board designed for 8.448 Mbps E2 service. The only change to the circuit, which is shown in Figure 1, involved lowering the LC clock extraction circuit tuning capacitor value.




Similar Part No. - TAN-007

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
TAN-005 EXAR-TAN-005 Datasheet
67Kb / 8P
High-Quality Function Generator System with the XR-2206
More results


Similar Description - TAN-007

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
LOW CURRENT OPERATION AT 250 uA
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
LOW CURRENT OPERATION AT 250 uA
logo
Cree, Inc
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
XLamp® XR-E LED
XR-E CREE-XR-E Datasheet
442Kb / 11P
XLamp XR-E and XR-C LED Binning and Labeling
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
Cree, Inc
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
XLamp XR-C LEDs
Rev 11B
logo
IXYS Corporation
MX887D IXYS-MX887D_17 Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
MX887P IXYS-MX887P_17 Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
logo
Advantech Co., Ltd.
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
Up to 15.3 Mbps in 2-wire operation
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com