Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA1575HL Datasheet (PDF) - NXP Semiconductors

SAA1575HL Datasheet PDF - NXP Semiconductors
Part # SAA1575HL
Download  SAA1575HL Download
File Size   744.54 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Global Positioning System GPS baseband processor

SAA1575HL Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA1575HL Datasheet PDF - NXP Semiconductors

Part # SAA1575HL
Download  SAA1575HL Click to download

File Size   744.54 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Global Positioning System GPS baseband processor

SAA1575HL Datasheet (HTML) - NXP Semiconductors


SAA1575HL Product details

GENERAL DESCRIPTION
The SAA1575HL is an integrated circuit which implements a complete baseband function for Global Positioning System (GPS) receivers. It combines a 16-bit Philips 80C51XA microcontroller, 8 GPS channel correlators and related peripherals in a single IC. Users can implement a complete GPS receiver using only the SAA1575HL, the UAA1570HL front-end Philips IC (or similar), external memory and a few discrete components.

FEATURES
• Single-chip GPS baseband solution with built-in 16-bit microcontroller
• All digital, 0.5 micron CMOS technology
• Single power supply with full 3 V operation
• Separate I/O power supply pins for operation with 3 or 5 V external devices
• Up to 30 MHz system clock from on-chip crystal oscillator or external clock input
• 2 kbytes words internal data memory for fast execution
• External bus for up to 512 kbytes words data memory and 512 kbytes words program memory
• Programmable external bus timing to match external memory speed
• Chip selection outputs to reduce glue logic requirements
• Reset controller for power-down detection and servicing
• 8 GPS channel correlators driven by firmware for flexible GPS correlation algorithms
• 1 second pulse output of GPS time
• 2-bit digital IF GPS signal input synchronized to external sample clock
• 2 fully duplex UARTs for communication with host system processor and other devices
• Real-time clock with 32.768 kHz crystal and supply for low power timekeeping
• Watchdog timer
• Power-down modes under firmware control
• 100-pin LQFP package
• 50 mA supply current (typ.) when 8 GPS channels in track (approximate).




Similar Part No. - SAA1575HL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SAA157 SEMIKRON-SAA157 Datasheet
146Kb / 2P
Fast Avalanche Diodes
SAA157 SEMIKRON-SAA157 Datasheet
188Kb / 2P
Fast Avalanche Diodes
More results


Similar Description - SAA1575HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA1570HL PHILIPS-UAA1570HL Datasheet
890Kb / 76P
Global Positioning System GPS front-end receiver circuit
1999 May 10
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
GPS Baseband Processor SuperSense
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
GPS Baseband Processor
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
GPS Baseband Processor SuperSense
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
GPS Baseband Processor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com