Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE4435B Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE4435B Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE4435B
Download  NCE4435B Download
File Size   714.47 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE4435B Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE4435B Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4435B
Download  NCE4435B Click to download

File Size   714.47 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE4435B Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE4435B Product details

Description
The NCE4435B uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 4.5V. This device is suitable for use as a
load switch or in PWM applications.

General Features
● VDS = -30V,ID = -12A
RDS(ON) < 11mΩ @ VGS=-4.5V
RDS(ON) < 16mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface mount package
Application
● PWM applications
● Load switch
● Power management




Similar Part No. - NCE4435B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4435 NCEPOWER-NCE4435 Datasheet
351Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4435 VBSEMI-NCE4435 Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE4435X NCEPOWER-NCE4435X Datasheet
277Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - NCE4435B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com