Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE4528K Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE4528K Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE4528K
Download  NCE4528K Download
File Size   632.64 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE4528K Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE4528K Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4528K
Download  NCE4528K Click to download

File Size   632.64 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE4528K Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE4528K Product details

Description
The NCE4528K uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.

General Features
● N-Channel
VDS =45V,ID =28A
RDS(ON) < 15mΩ @ VGS=10V
RDS(ON) < 22mΩ @ VGS=4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - NCE4528K

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4525 NCEPOWER-NCE4525 Datasheet
545Kb / 10P
N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4525 VBSEMI-NCE4525 Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results


Similar Description - NCE4528K

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com