Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE4606B Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE4606B Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE4606B
Download  NCE4606B Download
File Size   403.06 Kbytes
Page   10 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description N and P-Channel Enhancement Mode Power MOSFET

NCE4606B Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE4606B Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4606B
Download  NCE4606B Click to download

File Size   403.06 Kbytes
Page   10 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description N and P-Channel Enhancement Mode Power MOSFET

NCE4606B Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE4606B Product details

Description
The NCE4606B uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.

General Features
● N-Channel
VDS = 30V,ID =6A
RDS(ON) < 25mΩ @ VGS=10V
RDS(ON) < 44mΩ @ VGS=4.5V
● P-Channel
VDS = -30V,ID = -6A
RDS(ON) < 39mΩ @ VGS=-10V
RDS(ON) < 51mΩ @ VGS=-4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - NCE4606B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4606 NCEPOWER-NCE4606 Datasheet
431Kb / 10P
N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4606 VBSEMI-NCE4606 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE4606A NCEPOWER-NCE4606A Datasheet
442Kb / 10P
N and P-Channel Enhancement Mode Power MOSFET
NCE4606C NCEPOWER-NCE4606C Datasheet
1Mb / 10P
N and P-Channel Enhancement Mode Power MOSFET
V1.0
More results


Similar Description - NCE4606B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com