Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6350 Datasheet (PDF) - Gamma Microelectronics Inc.

GM6350 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6350
Download  GM6350 Download
File Size   161.72 Kbytes
Page   5 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS

GM6350 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6350 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6350
Download  GM6350 Click to download

File Size   161.72 Kbytes
Page   5 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS

GM6350 Datasheet (HTML) - Gamma Microelectronics Inc.


GM6350 Product details

Description
GM6350 series is a group of positive voltage output, three-pin regulators, that provide a high current even when the input/output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies, with the output voltage range from 1.5V to 6.0V
GM6350 consists of a high precision voltage reference, an error correction circuit, and a current limited output driver. Transient response to load variations has been improved in comparison to the existing series. The GM6350 incorporates both over temperature and over current protection.

Features
◆ Maximum output current up 450mA
◆ Output voltage from 1.5V to 6.0V in 0.1V increments
◆ Output voltage accuracy : ±2%
◆ CMOS low power consumption, typically 15µA at VOUT = 5.0V
◆ Input stability: typically 0.2%/V
◆ Ultra low dropout voltage: 0.3V @ IOUT = 300mV at VOUT = 5.0V
◆ SOT-23 (150mW), SOT-89 (500mW) and TO-92 packages

Application
    Palmtops
    Portable Cameras
    Video Recorders
    Battery Powered Equipment
    Reference Voltage Sources




Similar Part No. - GM6350

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350-1.5ST23RG GAMMA-GM6350-1.5ST23RG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5ST89RG GAMMA-GM6350-1.5ST89RG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5T92BG GAMMA-GM6350-1.5T92BG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5T92RLG GAMMA-GM6350-1.5T92RLG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.8ST23RG GAMMA-GM6350-1.8ST23RG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Similar Description - GM6350

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
logo
Cystech Electonics Corp...
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
Low Dropout CMOS Voltage Regulators
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
Low Dropout CMOS Voltage Regulators
logo
E-CMOS Corporation
EC3121 E-CMOS-EC3121 Datasheet
303Kb / 7P
300mA 2CH Low Dropout Voltage Linear Regulators
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
A6304A AITSEMI-A6304A Datasheet
821Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com