Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA4945H Datasheet (PDF) - NXP Semiconductors

SAA4945H Datasheet PDF - NXP Semiconductors
Part # SAA4945H
Download  SAA4945H Download
File Size   116.56 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LIne MEmory noise Reduction IC LIMERIC

SAA4945H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA4945H Datasheet PDF - NXP Semiconductors

Part # SAA4945H
Download  SAA4945H Click to download

File Size   116.56 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LIne MEmory noise Reduction IC LIMERIC

SAA4945H Datasheet (HTML) - NXP Semiconductors


SAA4945H Product details

GENERAL DESCRIPTION
The SAA4945H, LIMERIC (LIne MEmory noise Reduction IC) is a 2-D recursive noise reduction filter for both luminance and colour difference signals. The noise reduction is automatically adapted to the global noise level in the image. Ten different preferences of noise reduction can be set using a synchronous receiver transmitter bus; SNERT (Synchronous No parity Eight bit Receive Transmit) bus. Alternatively, the noise reduction can be switched off. The LIMERIC is generally placed directly after the ADC in the feature box and works fully in the 1fh (50/60 Hz) domain.

FEATURES
• 2-D adaptive vertically recursive noise reduction
• Noise reduction for Y, U and V signals in 4 : 1 : 1 format
• Single 5 V ±10% power supply
• Communication by means of serial communication protocol 83C654 (SNERT bus)
• Via SNERT bus, 10 different types of noise reduction selectable; the noise reduction function can also be disabled
• Phase relation write enable input/output signal simultaneously switchable over one clock period w.r.t. input/output samples
• 8-bit wide data processing for Y, U and V; in unsigned format (Y signal) and in 2’s complement (U and V signals)
• One fixed line locked clock operation frequency up to 16 MHz (typical)
• Exactly one line delay.




Similar Part No. - SAA4945H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
Memory controller
April 1994
SAA4951WP PHILIPS-SAA4951WP Datasheet
95Kb / 25P
Memory controller
April 1994
SAA4952WP PHILIPS-SAA4952WP Datasheet
159Kb / 32P
Memory controller
1997 Jun 10
SAA4955 PHILIPS-SAA4955 Datasheet
188Kb / 28P
2.9-Mbit field memory
1999 Apr 29
SAA4955TJ PHILIPS-SAA4955TJ Datasheet
188Kb / 28P
2.9-Mbit field memory
1999 Apr 29
More results


Similar Description - SAA4945H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3497SB PANASONIC-AN3497SB Datasheet
20Kb / 1P
Chroma Noise Reduction IC
AN7367K PANASONIC-AN7367K Datasheet
62Kb / 6P
dbx II Noise Reduction IC for Cassette Deck
AN7374K PANASONIC-AN7374K Datasheet
100Kb / 8P
Dolby B/C Type Noise Reduction IC
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
2.9-Mbit field memory with noise reduction
1998 Dec 08
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
NOISE REDUCTION
logo
NXP Semiconductors
SAA4998H PHILIPS-SAA4998H Datasheet
175Kb / 39P
Field and line rate converter with noise reduction and embedded memory
2004 Feb 18
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
Field and line rate converter with noise reduction
2001 Nov 23
logo
OKI electronic componet...
ML87V2105 OKI-ML87V2105 Datasheet
467Kb / 14P
Video Signal Noise Reduction IC with a Built-in 5.6 Mbit Frame Memory
logo
List of Unclassifed Man...
IS1685S ETC-IS1685S Datasheet
768Kb / 38P
Noise Reduction Mono Headset IC with A2DP streaming
1.0 - 3/11/2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com