Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1011097 Datasheet (PDF) - PHOENIX CONTACT

1011097 Datasheet PDF - PHOENIX CONTACT
Part # 1011097
Download  1011097 Download
File Size   363.92 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,5 P26 AU THRR44 - PCB header

1011097 Datasheet (PDF)

Go To PDF Page Download Datasheet
1011097 Datasheet PDF - PHOENIX CONTACT

Part # 1011097
Download  1011097 Click to download

File Size   363.92 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,5 P26 AU THRR44 - PCB header

1011097 Datasheet (HTML) - PHOENIX CONTACT


1011097 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Gold, contact connection type: Pin, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 5, product range: MC 1,5/..-
G-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC
1,5, Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: 44 mm wide tape

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1011097

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1011090 PHOENIX-1011090 Datasheet
803Kb / 16P
PCB header - MC 1,5/ 5-G-3,81 P26 THRR44
Jan 10, 2023
logo
K.A. Schmersal GmbH & C...
101109210 SCHMERSAL-101109210 Datasheet
214Kb / 6P
Safety sensors / BNS 33
15.09.2015
logo
PHOENIX CONTACT
1011099 PHOENIX-1011099 Datasheet
635Kb / 11P
MC 1,5/ 5-G-3,81 P20 THRR44 - PCB header
More results


Similar Description - 1011097

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788521 PHOENIX-1788521 Datasheet
388Kb / 12P
MC 1,5/ 3-G-3,5 P26 THR
1788589 PHOENIX-1788589 Datasheet
397Kb / 12P
MC 1,5/ 6-G-3,5 P26 THR
1788628 PHOENIX-1788628 Datasheet
402Kb / 12P
MC 1,5/ 8-G-3,5 P26 THR
1706877 PHOENIX-1706877 Datasheet
60Kb / 3P
MC 1,5/ 4-G-3,5 THT P26 AU
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1789203 PHOENIX-1789203 Datasheet
738Kb / 16P
PCB header - MC 1,5/ 4-GF-3,5 P26 THR
Jan 3, 2023
1011090 PHOENIX-1011090 Datasheet
803Kb / 16P
PCB header - MC 1,5/ 5-G-3,81 P26 THRR44
Jan 10, 2023
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1731714 PHOENIX-1731714 Datasheet
519Kb / 13P
PCB header - MC 1,5/ 6-G-3,5-RN
1789229 PHOENIX-1789229 Datasheet
741Kb / 16P
MC 1,5/ 5-GF-3,5 P26 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com