Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1952940 Datasheet (PDF) - PHOENIX CONTACT

1952940 Datasheet PDF - PHOENIX CONTACT
Part # 1952940
Download  1952940 Download
File Size   550.4 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/18-G1-3,5 P26THR - PCB header

1952940 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952940 Datasheet PDF - PHOENIX CONTACT

Part # 1952940
Download  1952940 Click to download

File Size   550.4 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/18-G1-3,5 P26THR - PCB header

1952940 Datasheet (HTML) - PHOENIX CONTACT


1952940 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 36,
number of rows: 2, number of positions: 18, number of connections: 36, product range: MCDNV
1,5/..-G1-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without, mounting:
without, type of packaging: packed in cardboard, The pin length is 26 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: http:
"Downloads".

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1952940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952908 PHOENIX-1952908 Datasheet
111Kb / 4P
Printed-circuit board connector - MCDNV 1,5/14-G1-3,5P26THR
11/05/2018
1952911 PHOENIX-1952911 Datasheet
393Kb / 14P
MC 1,5/15-ST-3,5
1952924 PHOENIX-1952924 Datasheet
146Kb / 8P
Printed-circuit board connector - MCDNV 1,5/16-G1-3,5P26THR
1952937 PHOENIX-1952937 Datasheet
146Kb / 8P
Printed-circuit board connector - MCDNV 1,5/17-G1-3,5P26THR
1952953 PHOENIX-1952953 Datasheet
146Kb / 8P
Printed-circuit board connector - MCDNV 1,5/19-G1-3,5P26THR
More results


Similar Description - 1952940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953871 PHOENIX-1953871 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/18-G1-3,5 P26THR
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1535190 PHOENIX-1535190 Datasheet
309Kb / 8P
DMC 1,5/18-G1-3,5-LR P26THR - PCB header
1535198 PHOENIX-1535198 Datasheet
309Kb / 8P
DMC 1,5/14-G1-3,5-LR P26THR - PCB header
1953127 PHOENIX-1953127 Datasheet
564Kb / 12P
MCDNV 1,5/13-G1-3,5 P14THR - PCB header
1873950 PHOENIX-1873950 Datasheet
551Kb / 11P
DMC 1,5/ 4-G1-3,5 P26THR - PCB header
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
1952720 PHOENIX-1952720 Datasheet
468Kb / 11P
MCDNV 1,5/15-G1-3,5 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com