Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3404Y Datasheet (PDF) - Rectron Semiconductor

RM3404Y Datasheet PDF - Rectron Semiconductor
Part # RM3404Y
Download  RM3404Y Download
File Size   351.9 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM3404Y Datasheet (PDF)

Go To PDF Page Download Datasheet
RM3404Y Datasheet PDF - Rectron Semiconductor

Part # RM3404Y
Download  RM3404Y Click to download

File Size   351.9 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM3404Y Datasheet (HTML) - Rectron Semiconductor


RM3404Y Product details

G eneral Features
Vds(V) = 30V
Io = 6.5 A (Vgs = 10V)
Rds(on) < 22mΩ (Vgs = 10V)
Rds(on) < 30mΩ (Vgs = 4.5V)
High power and current handing capability
Lead free product is acquired
Surface mount package
PWM applications
Load switch
Power management
Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:RM3404YV




Similar Part No. - RM3404Y

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM3404 RECTRON-RM3404 Datasheet
1Mb / 7P
N-Channel Enhancement Mode Power MOSFET
2017-10/15 REV:O
More results


Similar Description - RM3404Y

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com