Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1859166 Datasheet (PDF) - PHOENIX CONTACT

1859166 Datasheet PDF - PHOENIX CONTACT
Part # 1859166
Download  1859166 Download
File Size   380.98 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GICV 2,5/ 9-GF-7,62 - PCB header

1859166 Datasheet (PDF)

Go To PDF Page Download Datasheet
1859166 Datasheet PDF - PHOENIX CONTACT

Part # 1859166
Download  1859166 Click to download

File Size   380.98 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GICV 2,5/ 9-GF-7,62 - PCB header

1859166 Datasheet (HTML) - PHOENIX CONTACT


1859166 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: GICV 2,5/..-
GF, pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.6 mm,
number of solder pins per potential: 2, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections
• Screwable flange for superior mechanical stability
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1859166

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1859108 PHOENIX-1859108 Datasheet
84Kb / 5P
Base strip - GICV 2,5/ 3-GF-7,62
1859111 PHOENIX-1859111 Datasheet
138Kb / 5P
GIC 2,5/ 4-STF-7,62
1859111 PHOENIX-1859111 Datasheet
81Kb / 5P
Base strip - GICV 2,5/ 4-GF-7,62
1859124 PHOENIX-1859124 Datasheet
81Kb / 5P
Base strip - GICV 2,5/ 5-GF-7,62
1859137 PHOENIX-1859137 Datasheet
381Kb / 12P
GICV 2,5/ 6-GF-7,62 - PCB header
More results


Similar Description - 1859166

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1859108 PHOENIX-1859108 Datasheet
84Kb / 5P
Base strip - GICV 2,5/ 3-GF-7,62
1859111 PHOENIX-1859111 Datasheet
81Kb / 5P
Base strip - GICV 2,5/ 4-GF-7,62
1859124 PHOENIX-1859124 Datasheet
81Kb / 5P
Base strip - GICV 2,5/ 5-GF-7,62
1859140 PHOENIX-1859140 Datasheet
81Kb / 5P
Base strip - GICV 2,5/ 7-GF-7,62
1828922 PHOENIX-1828922 Datasheet
402Kb / 9P
PCB header - GICV 2,5/ 3-G-7,62
02/04/2022
1828948 PHOENIX-1828948 Datasheet
402Kb / 9P
PCB header - GICV 2,5/ 5-G-7,62
02/04/2022
1859153 PHOENIX-1859153 Datasheet
121Kb / 7P
Feed-through header - GICV 2,5/ 8-GF-7,62
09/12/2020
1828993 PHOENIX-1828993 Datasheet
933Kb / 16P
PCB header - GICV 2,5/10-G-7,62
Jan 4, 2023
1829170 PHOENIX-1829170 Datasheet
919Kb / 15P
PCB header - GMSTBV 2,5/ 4-GF-7,62
Jan 5, 2023
1842432 PHOENIX-1842432 Datasheet
955Kb / 20P
MDSTB 2,5/ 9-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com