Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1910128 Datasheet (PDF) - PHOENIX CONTACT

1910128 Datasheet PDF - PHOENIX CONTACT
Part # 1910128
Download  1910128 Download
File Size   1108.58 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVW 2,5/11-ST - PCB connector

1910128 Datasheet (PDF)

Go To PDF Page Download Datasheet
1910128 Datasheet PDF - PHOENIX CONTACT

Part # 1910128
Download  1910128 Click to download

File Size   1108.58 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVW 2,5/11-ST - PCB connector

1910128 Datasheet (HTML) - PHOENIX CONTACT


1910128 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range:
FKCVW 2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: -90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1910128

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
191012 FESTO-191012 Datasheet
85Kb / 1P
Vacuum cup without connector
6/19/22
1910123 FESTO-1910123 Datasheet
75Kb / 1P
Adapter kit
logo
National Instruments Co...
191012A-01 NI-191012A-01 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
More results


Similar Description - 1910128

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1792100 PHOENIX-1792100 Datasheet
170Kb / 6P
MVSTBR 2,5/11-ST
1910160 PHOENIX-1910160 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVW 2,5/15-ST
1910173 PHOENIX-1910173 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVW 2,5/16-ST
1873896 PHOENIX-1873896 Datasheet
91Kb / 5P
Printed-circuit board connector - FKCVW 2,5/11-STF-5,08
1910089 PHOENIX-1910089 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 7-ST
1910102 PHOENIX-1910102 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 9-ST
1967935 PHOENIX-1967935 Datasheet
60Kb / 4P
Printed-circuit board connector - FKCVW 2,5/ 5-ST-5,08 AU
1925786 PHOENIX-1925786 Datasheet
714Kb / 17P
FKC 2,5/11-ST-5,08-RF - PCB connector
1912498 PHOENIX-1912498 Datasheet
394Kb / 15P
MVSTBR 2,5 HC/11-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com