Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77291 Datasheet (PDF) - Analog Devices

MAX77291 Datasheet PDF - Analog Devices
Part # MAX77291
Download  MAX77291 Download
File Size   770.48 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Voltage Micropower Boost Converter with 50mA Input Current Limit

MAX77291 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77291 Datasheet PDF - Analog Devices

Part # MAX77291
Download  MAX77291 Click to download

File Size   770.48 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Voltage Micropower Boost Converter with 50mA Input Current Limit

MAX77291 Datasheet (HTML) - Analog Devices


MAX77291 Product details

General Description
The MAX77291 is a low-quiescent-current boost (step-up)
DC-DC converter with a 100mA peak inductor current limit
and True Shutdown™. True Shutdown disconnects the
output from the input with no forward or reverse current.
The output voltage is set with an external resistor-divider.
The output voltage can be widely varied between 5.5V and
20V.
The MAX77291 is available in a 6-bump, 0.4mm pitch,
wafer-level package (WLP).

Features and Benefits
• 28μA Quiescent Supply Current from Input
• Output Short Circuit Protection
• Overtemperature Protection
• True Shutdown Mode
• 13nA Shutdown Current
• No Reverse Current from OUT
• 90% Peak Efficiency
• 1.8V to 5.5 V Input Range
• 5.5V to 20V Output Voltage Range
• 100mA Peak Inductor Current Limit
• 1.27mm x 0.87mm 6-Bump WLP (3 x 2, 0.4mm Pitch)
Package
• -40°C to +125°C Temperature Range

Applications
• Primary Cell Portable Systems
• Battery-Powered Medical Equipment
• Tiny, Low-Power Internet of Things (IoT) Sensors
• Low-Power Wireless Communication Products
• Secondary-Cell Portable Systems




Similar Part No. - MAX77291

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX772 MAXIM-MAX772 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX77231 MAXIM-MAX77231 Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
MAX77231 MAXIM-MAX77231 Datasheet
1Mb / 10P
Output Factory-Trimmable from 11.2V to 16.2V
Rev 0; 1/16
MAX77231EVKIT MAXIM-MAX77231EVKIT Datasheet
1Mb / 10P
Output Factory-Trimmable from 11.2V to 16.2V
Rev 0; 1/16
MAX77231EZL+ MAXIM-MAX77231EZL+ Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
More results


Similar Description - MAX77291

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
logo
Monolithic Power System...
MP3431 MPS-MP3431 Datasheet
973Kb / 25P
21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com