Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1407327 Datasheet (PDF) - PHOENIX CONTACT

1407327 Datasheet PDF - PHOENIX CONTACT
Part # 1407327
Download  1407327 Download
File Size   1059.78 Kbytes
Page   37 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-MS/10,0-28R SCO RAIL - Sensor/actuator cable

1407327 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407327 Datasheet PDF - PHOENIX CONTACT

Part # 1407327
Download  1407327 Click to download

File Size   1059.78 Kbytes
Page   37 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-MS/10,0-28R SCO RAIL - Sensor/actuator cable

1407327 Datasheet (HTML) - PHOENIX CONTACT


1407327 Product details

Sensor/actuator cable, 5-position, PE-X halogen-free, black, shielded, Plug straight M12
SPEEDCON, coding: A, on free cable end, cable length: 10 m, For railway applications

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1407327

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
140732-1 TEC-140732-1 Datasheet
39Kb / 1P
FASTON TABS BENT 90 .250 series LANGUETTE POUR CLIPS
140732-2 TEC-140732-2 Datasheet
39Kb / 1P
FASTON TABS BENT 90 .250 series LANGUETTE POUR CLIPS
logo
Turck, Inc.
1407320 TURCK-1407320 Datasheet
266Kb / 2P
Inductive Sensor – Ring Sensor
11/07/2023
logo
PHOENIX CONTACT
1407320 PHOENIX-1407320 Datasheet
1Mb / 38P
SAC-4P- 2,0-28R/FR SCO RAIL - Sensor/actuator cable
1407321 PHOENIX-1407321 Datasheet
1Mb / 38P
SAC-4P- 5,0-28R/FR SCO RAIL - Sensor/actuator cable
More results


Similar Description - 1407327

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1417903 PHOENIX-1417903 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-MS/10,0-542/ FS SCO BK
1417909 PHOENIX-1417909 Datasheet
109Kb / 5P
Sensor/Actuator cable - SAC-5P-MS/10,0-542/FSSH SCO BK
1407312 PHOENIX-1407312 Datasheet
270Kb / 23P
Sensor/actuator cable - SAC-4P-MS/ 5,0-28R SCO RAIL
09/11/2020
1407314 PHOENIX-1407314 Datasheet
276Kb / 24P
Sensor/actuator cable - SAC-4P-MR/ 2,0-28R SCO RAIL
09/11/2020
1407325 PHOENIX-1407325 Datasheet
271Kb / 23P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R SCO RAIL
09/11/2020
1407337 PHOENIX-1407337 Datasheet
219Kb / 16P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R/FS SCO RAIL
09/11/2020
1424958 PHOENIX-1424958 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-547/FS SCO BK
09/11/2020
1518423 PHOENIX-1518423 Datasheet
137Kb / 9P
Sensor/actuator cable - SAC-5P-MS/ 1,0-186/FS SCO
09/11/2020
1518193 PHOENIX-1518193 Datasheet
374Kb / 9P
SAC-5P-MS/10,0-920 SCO - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com