Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALIF1002R Datasheet (PDF) - Infinite Electronics International, Inc.

ALIF1002R Datasheet PDF - Infinite Electronics International, Inc.
Part # ALIF1002R
Download  ALIF1002R Download
File Size   665.63 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink INFINITY 1002 Single link, single head digital video and USB2.0 over a single cable

ALIF1002R Datasheet (PDF)

Go To PDF Page Download Datasheet
ALIF1002R Datasheet PDF - Infinite Electronics International, Inc.

Part # ALIF1002R
Download  ALIF1002R Click to download

File Size   665.63 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink INFINITY 1002 Single link, single head digital video and USB2.0 over a single cable

ALIF1002R Datasheet (HTML) - Infinite Electronics International, Inc.


ALIF1002R Product details

PRODUCT IN BRIEF
AdderLink Infinity 1002 is a high
performance KVM (Keyboard, Video and
Mouse) extender that forms part of the
ALIF matrix solution. This enables you to
locate your critical computing hardware
in a secure and temperature controlled
environment away from the user work
station, whilst maintaining a pixel perfect
desktop experience.
• Plug and play,
• 100m extension distance on single CATx;
unlimited using standard IP network,
• 500m to 10km over fiber,
• Single link or single head configuration,
• 1920 x 1200@60Hz maximum resolution,
• USB mass storage supported plus:
Keyboard, mouse tablet and touch,
• Support for MacPro,
• Redundant network operation.

FEATURES
Perfect digital video, real time control
Using a spatially-lossless encoding system,
with 1:1 pixel mapping, AdderLink Infinity
provides pixel perfect and color accurate
video with no artefacts. The digital video
you receive is the same as the digital video
leaving the remote computer.
Single CATx cable or fiber with immunity
from interference
From the outset we designed AdderLink
Infinity units around a highly robust
signaling method. This vital core asset is
what gives you the freedom to use the
full variety of cable links that you typically
find within an average structured cabling
system. The result is that you can achieve
reliable links, regardless of whether the
cables are CAT5e, CAT6 or CAT7. The
AdderLink Infinity also offers the option
of up to 10km distances with fiber.
Unlimited extension distances
Extension distance is not limited to a single
100 meter cable length - If you need to
extend further, simply add a 1GbE network
device to achieve an additional 100 meters.
This can be repeated many times. The units
are also fitted with SFP cages to accept
fiber optic transceivers which enable much
greater extension distances.
Support for MacPro (Dithered Video)
Some graphics cards use a technique
called dithering to give the appearance of
a deeper color depth than is actually the
case. As a result, dithering can significantly
increase the normal video data rates.
ALIF1002T has a feature called Magic Eye
which supports dithering without allowing
it to degrade overall link performance.
USB 2.0 with class control
Enables connection of USB devices from
mice and keyboards through to graphics
tablets, jog shuttles, joysticks and 3D
explorers, alongside mass storage devices.
For applications where security is of high
importance, the system has the ability
to disable the use of non-HID devices,
meaning there is no need to physically
block USB ports to prevent the use of
mass storage devices.
EDID management
Intelligent EDID management allows the
true characteristics of the monitor to
be passed back to the computer. This
ensures perfect video display without the
additional configuration.
Plug and Play
AdderLink Infinity extender devices are
delivered in a zero config state so you can
plug them in and start working on them
straight away. There is no need for drivers
or software to be installed.
Redundant network operation
The units are able to detect whether
the network is in operation and can
automatically change to its second network
port if it detects a failure.
AdderLink Infinity Matrix
With the addition of AdderLink Infinity
management system (A.I.M.) you can turn
multiple point-to-point extenders into a
truly scalable digital KVM matrix system
that allows any workstation to link with
any computer connected to the network.
See the Adderlink Infinity Matrix data sheet
for details.




null - ALIF1002R

nullnullnullnull
logo
Infinite Electronics In...
ALIF1002T L-COM-ALIF1002T Datasheet
677Kb / 2P
ADDERLink INFINITY 1002 Single link, single head digital video and USB2.0 over a single cable
More results


null - ALIF1002R

nullnullnullnull
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
List of Unclassifed Man...
SPT9404 ETC1-SPT9404 Datasheet
48Kb / 4P
SINGLE VIDEO DRIVER
logo
Tripp Lite. All Rights ...
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
logo
Texas Instruments
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
THOR communications
F-LBAND THOR-F-LBAND Datasheet
525Kb / 1P
Single Channel Compact LBand RF Over Fiber Link
logo
American Electronic Com...
TMR6201 AEC-TMR6201 Datasheet
405Kb / 4P
Single Channel Currency Head
TMR6201D AEC-TMR6201D Datasheet
323Kb / 3P
Single Channel Currency Head
logo
Tripp Lite. All Rights ...
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006-SLI TRIPPLITE-P561-006-SLI Datasheet
169Kb / 2P
DVI Single Link Cable, Digital and Analog TMDS Monitor Cable (DVI-I M/M), 6-ft.
More results



null