Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C04C4ATR Datasheet (PDF) - ON Semiconductor

CAT24C04C4ATR Datasheet PDF - ON Semiconductor
Part # CAT24C04C4ATR
Download  CAT24C04C4ATR Download
File Size   283.86 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 2/4/8/16Kb I2C

CAT24C04C4ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT24C04C4ATR Datasheet PDF - ON Semiconductor

Part # CAT24C04C4ATR
Download  CAT24C04C4ATR Click to download

File Size   283.86 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 2/4/8/16Kb I2C

CAT24C04C4ATR Datasheet (HTML) - ON Semiconductor


CAT24C04C4ATR Product details

Description
The CAT24C02/04/08/16 are 2−Kb, 4−Kb, 8−Kb and 16−Kb
respectively I2C Serial EEPROM devices organized internally as
16/32/64 and 128 pages respectively of 16 bytes each. All devices
support both the Standard (100 kHz) as well as Fast (400 kHz) I2C
protocol.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address up to eight
CAT24C02, four CAT24C04, two CAT24C08 and one CAT24C16
device on the same bus.

Features
• Supports Standard and Fast I2C Protocol
• 1.7 V to 5.5 V Supply Voltage Range
• 16−Byte Page Write Buffer
• Hardware Write Protection for Entire Memory
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
• Low power CMOS Technology
• More than 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - CAT24C04C4ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C04C4ATR ONSEMI-CAT24C04C4ATR Datasheet
215Kb / 20P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04C4ATR ONSEMI-CAT24C04C4ATR Datasheet
237Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
CAT24C04C4ATR ONSEMI-CAT24C04C4ATR Datasheet
216Kb / 19P
EEPROM Serial 2/4/8/16Kb I2C
October, 2018 ??Rev. 34
More results


Similar Description - CAT24C04C4ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
CAT24C02 ONSEMI-CAT24C02 Datasheet
216Kb / 19P
EEPROM Serial 2/4/8/16Kb I2C
October, 2018 ??Rev. 34
N24C02 ONSEMI-N24C02_18 Datasheet
207Kb / 12P
EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com