Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV25320 Datasheet (PDF) - ON Semiconductor

NV25320 Datasheet PDF - ON Semiconductor
Part # NV25320
Download  NV25320 Download
File Size   257.4 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 8/16/32/64-Kb SPI Automotive Grade 0

NV25320 Datasheet (PDF)

Go To PDF Page Download Datasheet
NV25320 Datasheet PDF - ON Semiconductor

Part # NV25320
Download  NV25320 Click to download

File Size   257.4 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Serial 8/16/32/64-Kb SPI Automotive Grade 0

NV25320 Datasheet (HTML) - ON Semiconductor


NV25320 Product details

Description
NV25080, NV25160, NV25320, NV25640 are a EERPOM Serial
8/16/32/64−Kb SPI Automotive Grade 0 devices internally organized
as 1K/2K/4K/8Kx8 bits. It features a 32−byte page write buffer and
supports the Serial Peripheral Interface (SPI) protocol. The device is
enabled through a Chip Select (CS) input. In addition, the required bus
signals are clock input (SCK), data input (SI) and data output (SO)
lines. The HOLD input may be used to pause any serial
communication with the NV25xxx device. The device features
software and hardware write protection, including partial as well as
full array protection. Byte Level On−Chip ECC (Error Correction
Code) makes the device suitable for high reliability applications. The
device offers an additional Identification Page which can be
permanently write protected.
Features
• Automotive AEC−Q100 Grade 0 (−40°C to +150°C) Qualified
• 2.5 V to 5.5 V Supply Voltage Range
• 10 MHz SPI Compatible
• SPI Modes (0,0) & (1,1)
• 32−byte Page Write Buffer
• Self−timed Write Cycle
• Hardware and Software Protection
• Additional Identification Page with Permanent Write Protection
• NV Prefix for Automotive and Other Applications Requiring Site and
Change Control
• Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
• Low Power CMOS Technology
• Program/Erase Cycles:
− 4,000,000 at 25°C
− 1,200,000 at +85°C
− 600,000 at +125°C
− 300,000 at +150°C
• 200 Year Data Retention
• SOIC, TSSOP 8−lead Packages
• This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant




Similar Part No. - NV25320

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25320 ONSEMI-NV25320 Datasheet
278Kb / 16P
EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25320DTHFT3G ONSEMI-NV25320DTHFT3G Datasheet
278Kb / 16P
EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25320DTVLT3G ONSEMI-NV25320DTVLT3G Datasheet
350Kb / 20P
EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25320DTVLT3G ONSEMI-NV25320DTVLT3G Datasheet
150Kb / 15P
EEPROM Serial 8/16/32/64-Kb SPI Low Voltage Automotive Grade1
April, 2024 - Rev. 3
NV25320DWHFT3G ONSEMI-NV25320DWHFT3G Datasheet
278Kb / 16P
EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
More results


Similar Description - NV25320

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080 ONSEMI-NV25080 Datasheet
278Kb / 16P
EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
NV25128 ONSEMI-NV25128 Datasheet
302Kb / 13P
EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com